Part Number Hot Search : 
94518 AD2C101 SR5100 MPRRT 19391250 AT45DB P6KE68 1N5281A
Product Description
Full Text Search
 

To Download BAS40DW-05-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas40tw/dw-04/ 200mw schottky barrier features ? fast switching ? low forward voltage drop ? low power dissipation ? ultra-small surface mount package maximum ratings symbol rating rating unit v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc blocking voltage 40 v io average rectified output current 200 ma r  ja thermal resistance junction to ambient 625  /w p d power dissipation 200 mw t j junction temperature -55 to +125 ------------  t stg storage temperature -65 to +125  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max test conditions i r reverse voltage leakage current --- 2 00na v r =30v v f forward voltage --- --- 0.38v 1.0v i f =1ma i f =40ma c t total capacitance --- 5pf v r =0v, f=1mhz t rr reverse recovery time --- 5.0ns i f =10ma,i r =i f =1ma r l =100 revision: 4 2008/12/31 sot-363 inches mm dim min max min max note a .006 .014 0.15 0.35 b .045 .053 1.15 1.35 c .085 .096 2.15 2.45 d .026 0.65nominal g .047 .055 1.20 1.40 h .071 .087 1.80 2.20 j --- .004 --- 0.10 k .035 .043 0.90 1.10 l .010 .018 0.26 0.46 m .003 .006 0.08 0.15 j m a c b g h k d l  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components dw-05 /dw-06 /brw dimensions diode  new product i r =10 a v (br) reverse breakdown voltage 40v ----- bas40dw-05 marking: k45 bas40tw marking: k43 bas40dw-04 marking: k44 a 1 a 2 c 2 c 1 c 2 c 1 bas40dw-06 marking: k46 1 c 1 c 2 a 2 a 1 a 2 a 1 ac 1 ac 2 c 2 a 1 a 2 c 1 ac 1 ac 2 c 1 a 1 c 2 a 2 c 1 a 3 c 2 a 1 c 3 a 2 bas40brw marking: k47 www. mccsemi .com 1 of 3 ? case material:molded plastic. ul flammability classificatio rating 94-0 and msl rating 1
bas40tw/dw-04/dw-05/dw-06/brw mcc revision: 4 2008/ 12 /31 tm micro commercial components 0 100 200 t , ambient temperature (oc) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d 0 50 100 150 200 2 5 0 0 1 3 2 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f = 1.0mhz 0.1 1 10 100 1000 10000 0 10 20 30 40 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t=0oc a 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 1 typical forward voltage t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a www. mccsemi .com 2 of 3
mcc revision: 4 2008/12/31 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose rdering nformation evice packing part umbertp tapeeel;pcseel


▲Up To Search▲   

 
Price & Availability of BAS40DW-05-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X